Part Number Hot Search : 
ML741 DAC10 NDD02N40 75100 C78L45BD HV9113PJ RL205 NM60FD
Product Description
Full Text Search
 

To Download PA101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p series p s e r i e s versatile power entry module with small footprint 192 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com ul recognized csa certi?ed vde approved ps non-?ltered the p series chameleon power entry module offers the most popular features in a small footprint design as the ?rst 10a module to provide all ?ve power entry functions in one compact design, the chameleon module readily adapts to its environment and the needs of international markets. ? snap-in or ?ange mounting ? standard iec 60321-1 c14 power inlet ? both north american and metric fusing capabi lities ? two voltage selection options (for 4-voltage selection, see the m, l or la series) ? optional dpst on/off switch ? filter options for general purpose, medical and high-performance emi ?ltering the chameleon modules compact design and modular construction allows selection of the required power entry feature without altering the panel cutout. and the chameleon module, with its optional adapters, will ?t seve ral common panel cutouts. f i l t e r t y p e s the chameleon module has four ?lter and one non-?ltered option: s m o d e l s provide an extended performance two element circuit emi ?lter, with attenuation similar to the eeb series power inlet ?lter. it offers protection for general purpose applications with stray line to ground and line to line noise that must be attenu- ated at the power inlet. these ?lters have limited leakage current and are available in current ratings of 3, 6 and 10a. h m o d e l s provide susceptibility protection with minimal leakage current, and are suitable for patient care and non-patient care medical equipment. l m o d e l s feature a high performance medical ?lter designed to help bring most digital equipment (including switching power supplies) into compliance with en55022, level b (as well as fcc part 15j, class b) conducted emissions limits. they are available with current ratings of 6 and 10a. these high performance versions are only available with mounting ears, single voltage selection, in a complete rfi shield with options fo r switch, fuses and current ratings. mounting extenders are not compatible with the l or z models. z m o d e l s provide a high performance three element differential mode circuit ?lter, with extended emi attenuation similar to the m series z models, to help bring most digital equipment (including switching power supplies) into compliance with en55022, level b (as well as fcc part 15j, class b) conducted emis- sions limits. they are available with current ratings of 6 and 10a. these high performance versions are only ava ilable with mounting ears, single voltage selection, in a complete rfi shield with options for switch, fuses and current ratings. mounting extenders are not compatible with the l or z models. for minimum depth behind the panel, see the m series b m o d e l s are non-?ltered and incorporate an inter- connection block. the block connects the voltage selection terminals of an un?ltered chameleon module with an iec connector and an optional switch to reduce external wiring. compatible with the a or b rfi shield options. pe ?ltered ps ?ltered
p series versatile power entry module with small footprint (continued) power inlet filters & power entry modules 3 193 bsvowbsxwbrjaorswrswmrobrjwnrvsuusvocoabrdwuobbrxcroafsborbyomshonmrijudobrswrscjusmb jaorvocasmrozdsejuowcbmrbsvowbsxwbrjaorbrxfwrpxaraopoaowmorydayxbobrxwugmr gyomshmjcsxwbrbdltomcrcxrmrjwqom corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com o r d e r i n g i n f o r m a t i o n part numbers are constructed by selecting the alphanumeric character which represents the desired feature. note: for any option where shown as 0 use the digit zero (0) not the letter (o). p sj 0xs s 60 mounting style e = mounting ears (horizontal axis) s = snap-in m = mounting ears (vertical axis) extender option 0 = none c = fn260 j = j series l = l series! switch option 0 = blank s = double pole single throw (dpst) input voltage select 0 = single voltage s = dual voltage" select (smps) x = dual voltage" select (series/parallel) fuse options d = dual fuse s = single fuse f ilter type 0 = no ?lter b = interconnection block# h = medical filter l = high performance medical 4 s = general purpose z = high performance 4 shield options 0 = no shield a = filter shield b = complete shield c = complete can (for l & z models) mounting style extender options! switch options* voltage select" fuse options filter type filter current shield options! filter current 0 = no ?lter 3 = 3a 6 = 6a x = 10a notes: 1 l series extender cannot be added to units with a shield. no style of extender can be added to units with b or c shields. 2 dual voltage options are not available with l or z filter types 3 when using the interconnection block, the last 3 digits of the part number are bx (0, a, or b) 4 high performance versions (l or z ?lter types) are available with any switch or fuse option but only in 6 or 10a with horizontal (pe) or vertical (pm) mounting ears, single voltage (0), complete shield (c) and no extenders * for alternative switch orientation options, please contact technical support or your corcom product sales representative the part number p s 0 s x s s 6 b would represent: p series (p) with a snap-in mount (s) with no extender (0) a switch (s) dual voltage select (x) single fusing (s) general purpose ?lter (s) for 6a (6) with a b shield (b) extender for j-series or others optional ?lter optional switch fuse holder
p series versatile power entry module with small footprint (continued) 194 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com p series power entry modules include the voltage selector integral with the fuse holder. three voltage selection options are each supported by one of three different fuse holders. the ?fth digit of the part number speci?es which of the three fuse holders is included to provide the desired voltage selection. the single voltage fuse holder (option 0) has no voltage indication markings. the dual voltage options s elect 115v or 230v by removing the fuse holder, ?ip- ping it over, and reinstalling it. voltage selection is indicated through a window in the p series door. the smps fuse holder (option s) jumpers two inde- pendent p series terminals to indicate 230v operation to a switching mode power supply. the prsr parallel/serial fuse holder (option x) connects the windings of the equipments dual primary tra nsformer (not included) to step down the voltage or double up the current. the markings on the voltage selection fuse holders also remind the user to install the appropriate fuse for the current at the selected voltage. v o l t a g e s e l e c t i o n i n p u t v o l t a g e s e l e c t i o n s c h e m e s x - prsr parallel / serial type for dual primary transformer 115v 230v note 1 note 2 note 2 note 1 a b c d power on/o? 115v 115v neutral provision for single fusing transformer primary g h hot ground s - spms jumper type 115v 230v note 1 note 1 note 1 note 1 a b c d power on/o? neutral provision for single fusing g h power input sel. jumpers smps hot ground ???????????????????????????????????????????????????????????????????????????????????????????????????? ???????????? ???????????????????????????????????????????????????????????????????????????????? ?????????????????????????????????? s h i e l d o p t i o n s the p series offers several rf shield options. the metal shield, optional on s, h and b ?ltered models, provides shielding from radiated emissions and provides an rf ground for the ?lter to the panel. this shield is available in two versions; a shield of the ?lter components (designated by an a as the ?nal digit) and a complete shield (designated by b as the ?nal digit). the a shield covers the ?lter por tion of the module a nd increases performance of the ?lter by protecting the components from rfi coupling. this shield allows the use of the c or j extender. the b shield covers the entire power entry module with metal, protecting the ?lter from rfi coupling, and covering the mounting cut-out to block rfi entering or leaving the equipment. the b shield cannot be used with any extender. a complete metal e nclosure is integral to both the high performance l and z models, and must be spec- i?ed by a c in the part numbers ?nal digit. this option is only available with the l or z models. a shield b shield
p series versatile power entry module with small footprint (continued) power inlet filters & power entry modules 3 195 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com another feature of the p series power entry module is the versatile fusing arrangement. the fuse holder can hold two 1/4 x 1-1/4 (3ag) or 5 x 20mm (metric) fuses. single fusing is supported with a conversion clip that shorts one of the two fuse positions, and is designated by an s in the sixth part number digit. a module designated for a single fuse may be recon?g- ured by the manufacturer or the user to accept two fuses by simply removing the shorting clip. for appli- cations intended for dual fusing, specify a d in the sixth part number digit. f u s e h o l d e r conversion clip for single fuse applications installation of the un?ltered versions of the p series requires wiring of the iec socket terminals to the optional switch and the switch to the fuse holder. labor can be eliminated by ordering the module with an interconnection block. this feature, desig- nated by bx in the seventh and eighth digits, pre wires the module so that only connection to the equipment must be done during installation. the interconnection block includes a plastic case to prevent access to the internal connections. t h e d i m e n s i o n s o f t h i s a l t e r n a t i v e a r e t h e s a m e a s t h e ? l t e r e d v e r s i o n s . i n t e r c o n n e c t i o n b l o c k a c c e s s o r i e s g a 4 0 0 : nema 5-15p to iec 60320-1 c-13 line cord p a 1 0 0 : power interconnect assembly for voltage select models. designed for use with either ?ltered or non-?ltered units, 6 wire leads p a 1 0 1 : plug only p a 1 0 2 : pins only for use with PA101 p a 1 0 5 : same as pa100 but with two wires for units with no voltage selection p a 4 0 0 : j extender extends p series height to ?t j panel cutout p a 4 1 0 : l extender extends p series width to ?t l panel cutout p a 4 2 0 : c extender extends p series height to ?t c panel cutout c & l extenders can not be used with b shields. l extender can not be used with shields extender for j-series or others optional ?lter optional switch fuse holder pa400 j series extender
c a s e s t y l e s p series versatile power entry module with small footprint (continued) 196 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com maximum leakage current each line to ground: h & l models s & z models @ 120 vac 60 hz: 2 ?a .25 ma @ 250 vac 50 hz: 5 ?a .50 ma hipot rating (one minute): line to ground: 2250 vdc line to line: 1450 vdc rated voltage(max.): 250vac operating voltages: selectable or fixed 115/230 vac operating frequency: 50/60 hz rated current: non-filtered C 10a filtered C 3, 6 or 10a fuseholder: accepts one or two fuses .25 x 1.25(not included) or 5 x 20mm (not included) switch: dpst 10,000 operations at 5 1a max. inrush s p e c i ? c a t i o n s e l e c t r i c a l s c h e m a t i c s line load h model line load s model line load l model line load z model front view pm ps pe 1.22 30.98 2.496 63.4 2.88 73.15 1.22 30.98 2.29 58.16 2.39 60.71 1.58 40.13 1.95 49.53 high performance version only .$+m8gdo1m<klcmhlc> 'mlko)ldkeo7n6>o )&-o=jbij0no-na #h3leml!o9hdkco7i6> fnb?o; ????????????????????????
p series versatile power entry module with small footprint (continued) power inlet filters & power entry modules 3 197 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com c a s e s t y l e s (continued) standard models - side and rear view non-filtered filtered 1.93 49.02 .225 5.715 2.13 54.10 2.29 58.16 extender options 2.72 69.08 2.51 63.75 c extender - fn260 j extender - j series bottom edge bottom edge ??????????????????? ??????????? ???????????????????????????????????????????????????????????????????????????????????????????? ????????????????????? ?????? ??? ?????????????????????? ? ????????????????????????????????????????????????????????????????? high performance models - side and rear view 2.39 60.71 1.12 28.45 2.17 55.12 4.42 112.27 3.93 99.82 1.23 31.24 pm pe ??????????????????? ??????????? ??????????????????????????????????????????????????????????????????????????????????????????? ????????????????????? ?????? ???????????????????????? ? ?????????????????????????????????????????????????????????????????
198 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com p series versatile power entry module with small footprint (continued) c a s e s t y l e s (continued) shield options r e c o m m e n d e d p a n e l c u t o u t b a .06 1.524 r .135 3.43 mounting hole diameter cutout 1.575 40.00 pe 2.496 63.40 pm style dimension a +.008 - .000 dimension b +.008 - .000 no shield shielded high performance standard high performance pm 1.06 [ 26.92 ] 1.12 [ 28.45 ] 1.12 [ 28.45 ] 2.13 [ 54.10 ] 2.201 [ 55.91] pe 1.12 [ 28.45 ] 1.12 [ 28.45 ] 1.15 [ 29.21 ] 2.201 [ 55.91]* 2.201 [ 55.91] ps 1.06 [ 26.92 ] 1.12 [ 28.45 ] - 2.201 [ 55.91]* - psc 1.06 [ 26.92 ] 1.12 [ 28.45 ] - 2.52 [ 64.01 ] - psj 1.06 [ 26.92 ] 1.12 [ 28.45 ] - 2.60 [ 66.04] - psl 1.12 [ 28.45 ] - - 2.201 [ 55.91]* - note: for snap-in applications, the a sides must have a .020 [.508] radius on the installation side. dimensions are for front mount applications. rear mount dimensions should be determined based on customers application parameters. snap-in models allow for front mounting only. not recommended for use in plastic panels. note: shields can only be used with ?ltered models. b shield may not be used with j or c ex tender *for panel thickness of 0.031 - 0.079 [0.787 - 2.01] only. use 2.213 [56.21] for panel thickness of 0.083 - 0.114 [2.0 - 2.90] ashield bshield 2.19 55.63 2.19 55.63
p series versatile power entry module with small footprint (continued) power inlet filters & power entry modules 3 199 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com p e r f o r m a n c e d a t a typical insertion loss 3a common mode / asymmetrical (l-g) di?erential mode / symmetrical (l-l) measured in closed 50 ohm system 6a 10a 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 s models h models 3a 6a 10a 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 l models 6a 10a db 100 90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 30 fr eq uency in mhz z models 6a 10a db 100 90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 30 fr eq uency in mhz db 100 90 80 70 60 50 40 30 20 10 0 0.01 0.1 1 10 30 fr eq uency in mhz
p series versatile power entry module with small footprint (continued) 200 dimensions are in inches and millimeters unless otherwise speci?ed. values in italics are metric equivalents. dimensions are shown for reference purposes only. speci?cations subject to change. corcom product guide catalog: 1654001 issue date: 06.2011 for email, phone or live chat, please go to te.com/help corcom.com minimum insertion loss common mode / asymmetrical (line to ground) measured in closed 50 ohm system ???? ?? ?? ?? ????????? ?????? ??? ?? ??? ?? ??? ?? ?? ????? ?? ? ????? ?? ? ? ? ? ? ???? ?? ?? ?? ????????? ?????? ??? ??? ?? ??? ?? ?? ?? ?? ????? ?? ? ? ? ????? ?? ? ? di?erential mode / symmetrical (line to line) ???? ?? ?? ?? ????????? ?????? ??? ??? ?? ??? ?? ?? ????? ?? ? ????? ?? ? ? ???? ?? ?? ?? ????????? ?????? ??? ??? ?? ??? ?? ?? ?? ?? ????? ?? ????? ??


▲Up To Search▲   

 
Price & Availability of PA101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X